Part Number Hot Search : 
34130 X1935 UA741M 4745A D2002AL HPR107 STA524A CEM830
Product Description
Full Text Search
 

To Download AO7413 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  excellent r symbol v ds v gs i dm t j , t stg symbol ty p max 300 360 350 425 r jl 280 320 w maximum junction-to-lead c steady-state c/w thermal characteristics parameter units maximum junction-to-ambient a t 10s r ja c/w maximum junction-to-ambient a steady-state c/w 12 gate-source voltage drain-source voltage -20 continuous drain current a maximum units parameter t a =25c t a =70c absolute maximum ratings t a =25c unless otherwise noted v v -1.2 -3 pulsed drain current b power dissipation a t a =25c junction and storage temperature range a p d c 0.35 0.22 -55 to 150 t a =70c i d -1.4 features v ds (v) = -20v i d = -1.4a (v gs = -10v) r ds(on) < 113m ? (v gs = -10v) r ds(on) < 135m ? (v gs = -4.5v) r ds(on) < 180m ? (v gs = -2.5v) the AO7413 uses advanced trench technology to provide ds(on) , low gate charge, and operation with gate voltages as low as 1.8v, in the small sot323 footprint. it can be used for a wide variety of applications, including load switching, low current inverters and low current dc-dc converters. it is esd protected to 2kv hbm. standard product AO7413 is pb-free (meets rohs & sony 259 specifications). AO7413l is a green product ordering option. AO7413 and AO7413l are electrically identical. s g d sc-70 (sot-323) top view d s g AO7413 p-channel enhancement mode field effect transistor general description www.freescale.net.cn 1 / 4
symbol min typ max units bv dss -20 v -0.5 t j =55c -2.5 1 a 10 a v gs(th) -0.7 -0.9 -1.4 v i d(on) -15 a 94 113 t j =125c 130 160 111 135 m ? 150 180 m ? g fs 5s v sd -0.84 -0.95 v i s 0.6 a c iss 512 620 pf c oss 77 pf c rss 62 pf r g 9.2 13 ? q g 4.9 6 nc q gs 3.5 nc q gd 3.7 nc t d(on) 11 13 ns t r 810ns t d(off) 34 41 ns t f 12 15 ns t rr 12.9 16 ns q rr 3.9 5 nc on state drain current v gs =-4.5v, v ds =-5v gate-body leakage current v ds =0v, v gs =10v v ds =0v, v gs =12v gate threshold voltage v ds =v gs i d =-250 a maximum body-diode continuous current input capacitance output capacitance turn-on delaytime dynamic parameters gate drain charge turn-on rise time turn-off delaytime v gs =-4.5v, v ds =-10v, r l =7.1 ? , r gen =3 ? gate resistance v gs =0v, v ds =0v, f=1mhz turn-off fall time switching parameters total gate charge v gs =-4.5v, v ds =-10v, i d =-1.4a gate source charge m ? v gs =-4.5v, i d =-1.3a i s =-1a,v gs =0v v ds =-5v, i d =-1.4a r ds(on) static drain-source on-resistance forward transconductance diode forward voltage i gss electrical characteristics (t j =25c unless otherwise noted) static parameters parameter conditions i dss a v ds =-16v, v gs =0v zero gate voltage drain current body diode reverse recovery time body diode reverse recovery charge i f =-1.4a, di/dt=100a/ s drain-source breakdown voltage i d =-250 a, v gs =0v v gs =-2.5v, i d =-1.1a v gs =-10v, i d =-1.4a reverse transfer capacitance i f =-1.4a, di/dt=100a/ s v gs =0v, v ds =-10v, f=1mhz a: the value of r ja is measured with the device mounted on 1in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the value in any given application depends on the user's specific board design. the current rating is based on the t 10s thermal resistance rating. b: repetitive rating, pulse width limited by junction temperature. c. the r ja is the sum of the thermal impedence from junction to lead r jl and lead to ambient. d. the static characteristics in figures 1 to 6,12,14 are obtained using 80 s pulses, duty cycle 0.5% max. e. these tests are performed with the device mounted on 1 in 2 fr-4 board with 2oz. copper, in a still air environment with t a =25c. the soa curve provides a single pulse rating. AO7413 p-channel enhancement mode field effect transistor www.freescale.net.cn 2 / 4
typical electrical and thermal characteristics 0 5 10 15 20 25 012345 -v ds (volts) fig 1: on-region characteristics -i d (a) -3.5v v gs =-1.5v -3v -6v -8v -4v -2v -2.5v -5v -7v -9v -10v 0 2 4 6 8 10 0 0.5 1 1.5 2 2.5 3 3.5 -v gs (volts) figure 2: transfer characteristics -i d (a) 80 100 120 140 160 180 01234 -i d (a) figure 3: on-resistance vs. drain current and gate voltage r ds(on) (m ? ) 1.0e-06 1.0e-05 1.0e-04 1.0e-03 1.0e-02 1.0e-01 1.0e+00 1.0e+01 0.0 0.4 0.8 1.2 -v sd (volts) figure 6: body-diode characteristics -i s (a) 25c 125c 0.8 1 1.2 1.4 1.6 0 25 50 75 100 125 150 175 temperature (c) figure 4: on-resistance vs. junction temperature normalized on-resistance v gs =-10v v gs =-2.5v i d =-1.3a i d =-1.1a 80 120 160 200 240 280 320 360 02468 -v gs (volts) figure 5: on-resistance vs. gate-source voltage r ds(on) (m ? ) 25c 125c v ds =-5v v gs =-4.5v v gs =-10v i d =-1.4a 25c 125c i d =-1.4a v gs =-2.5v v gs =-4.5v AO7413 p-channel enhancement mode field effect transistor www.freescale.net.cn 3 / 4
typical electrical and thermal characteristic s 0 1 2 3 4 5 0.0 1.0 2.0 3.0 4.0 5.0 6.0 -q g (nc) figure 7: gate-charge characteristics -v gs (volts) 0 200 400 600 800 0 5 10 15 20 -v ds (volts) figure 8: capacitance characteristics capacitance (pf) c iss 0 2 4 6 8 10 12 14 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 10: single pulse power rating junction-to- ambient (note e) power (w) 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 10 100 1000 pulse width (s) figure 11: normalized maximum transient thermal impedance z ja normalized transient thermal resistance c oss c rss 0.01 0.10 1.00 10.00 100.00 0.1 1 10 100 -v ds (volts) -i d (amps) figure 9: maximum forward biased safe operating area (note e) 100 s 10ms 1ms 0 .1 s 1 s 1 0s d c r ds(on) limited t j(max) =150c t a =25c v ds =-10v i d =-1.4a single pulse d=t on /t t j,pk =t a +p dm .z ja .r ja r ja =360c/w in descending order d=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse t j(max) =150c t a =25c 10 s t o n t p d t o n p d AO7413 p-channel enhancement mode field effect transistor www.freescale.net.cn 4 / 4


▲Up To Search▲   

 
Price & Availability of AO7413

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X